ATS-16D-82-C2-R0
AI

The **ATS-16D-82-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their **maxiFLOW™** series, designed specifically for high-efficiency cooling of electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Thermal Resistance** | 2.49°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ |
| **Spring Type** | Brass (Nickel Plated) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Design and Engineering Features
#### A. maxiFLOW™ Geometry
The "82" in the part number refers to a specific fin pattern. The maxiFLOW™ design features a **tapered fin structure** which:
* Reduces pressure drop across the heat sink.
* Increases surface area for maximum heat dissipation.
* Allows for better airflow in space-constrained environments.
#### B. pushPIN™ Attachment System
This part uses a specialized attachment mechanism designed for secure PCB mounting:
* **Precision Springs:** Provides consistent pressure to ensure optimal contact with the component.
* **Ease of Assembly:** Features a "snap-fit" design that eliminates the need for messy adhesives or complex bolting.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific heat sink is typically used for:
1. **Networking Equipment:** High-speed routers and switches where airflow is directed.
2. **Embedded Systems:** Industrial PCs where longevity and vibration resistance (via pushPIN) are required.
3. **Power Electronics:** Cooling MOSFETs or small power modules.
---
### 4. Part Number Breakdown
The suffixing follows the standard ATS nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16D:** Series/Dimensions category.
* **82:** Fin geometry code.
* **C2:** Material/Color code (typically Blue Anodized Aluminum).
* **R0:** RoHS compliance and revision status.
- ⤷
What are the alternative attachment methods if pushPIN is not suitable for my PCB?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight-fin heat sinks?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?