ATS-16D-85-C3-R0
AI

The **ATS-16D-85-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Brass pins / Plastic pins) |
| **Thermal Resistance (Flowing Air)** | 20.11 °C/W @ 100 LFM |
| **Thermal Resistance (Static Air)** | 20.11 °C/W (Performance varies by airflow) |
| **Fin Style** | Straight Fin |
---
### 2. Design and Component Breakdown
#### A. The maxiFLOW™ Geometry
The unique "flared" fin design is engineered to maximize surface area for convection cooling while minimizing pressure drop. This is critical in high-density electronic enclosures where airflow is restricted.
#### B. pushPIN™ Attachment System
Instead of simple adhesives, this part uses the **pushPIN™** system:
* **Spring-loaded mechanism:** Ensures a precise and consistent pressure on the electronic component, which improves thermal interface performance.
* **Compression Springs:** Available in various materials (Stainless steel/Brass) to provide the necessary force.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates that this unit typically comes with **T766** pre-applied thermal phase-change material. This ensures that micro-gaps between the chip and the heat sink are filled for optimal heat transfer.
---
### 3. Part Number Decoder
Understanding the "Electronic DNA" of this part:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16D**: Product Series (maxiFLOW).
* **85**: Specific profile/fin height configuration.
* **C3**: Thermal Interface Material (T766) and color/finish designation.
* **R0**: Revision code or packaging standard.
---
### 4. Typical Applications
This component is used in electronic systems where space is limited but heat density is high:
1. **Telecommunications**: Cooling line cards and routers.
2. **Embedded Systems**: Industrial PC processors.
3. **Power Supplies**: Dissipating heat from MOSFETs or IGBTs.
- ⤷
What is the difference between pushPIN™ and standard adhesive mounting?
- ⤷ How does airflow speed (LFM) affect the thermal resistance of this part?
- ⤷ Can this heat sink be customized for different PCB hole patterns?