Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16D-87-C3-R0

  • AI
    The part number **ATS-16D-87-C3-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" attachment series designed for efficient cooling of electronic components like CPUs, GPUs, and other high-heat integrated circuits. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring Loaded) | | **Thermal Resistance** | 12.96 °C/W (Unducted) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm | | **Fin Style** | Straight (Cross-Cut) | --- ### Breakdown of the Part Number The code contains specific information about the physical and thermal properties of the unit: 1. **ATS-16**: Refers to the specific series and product family within ATS's inventory. 2. **D**: Indicates the attachment type (Push-pin style). 3. **87**: Specifies the specific dimensions and fin geometry for this model. 4. **C3**: This denotes the **Thermal Interface Material (TIM)** and the performance tier. "C3" typically means it comes pre-applied with a high-performance phase-change material or thermal grease. 5. **R0**: Refers to the revision code and packaging (standard commercial version). --- ### Key Features and Applications * **Heat Dissipation:** The cross-cut fin design increases surface area, allowing for better airflow from multiple directions. * **Ease of Assembly:** The push-pin mechanism provides the necessary pressure for optimal thermal contact without requiring specialized tools for installation. * **Reliability:** The aluminum body is lightweight yet durable, and the blue anodized finish provides corrosion resistance. #### Common Uses * **Networking Equipment:** Routers, switches, and modems. * **Embedded Systems:** Industrial PCs and controllers. * **Consumer Electronics:** High-end audio/video processing units. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between push-pin and adhesive mounting for this heatsink?
    • ⤷ How does the 'C3' thermal material compare to standard thermal paste?
    • ⤷ What is the maximum TDP this heatsink can effectively cool?