ATS-16D-95-C2-R0
AI

The **ATS-16D-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for efficient cooling of semiconductor devices like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40.00 mm x 40.00 mm x 25.00 mm |
| **Fin Style** | Straight Fin |
| **Pitch** | Fine Pitch |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the exact configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16**: Series identifier.
* **D**: Fin pattern/density.
* **95**: Specific model or size code.
* **C2**: Thermal Interface Material (TIM) type (typically T766 phase-change material).
* **R0**: Revision/Packaging code.
---
### 3. Key Electronic Cooling Features
#### A. Thermal Performance
This heat sink is designed for forced air convection. The thermal resistance decreases significantly as airflow (LFM - Linear Feet per Minute) increases:
* **@ 100 LFM:** 7.29 °C/W
* **@ 500 LFM:** 1.47 °C/W
#### B. PushPIN™ Attachment
Instead of using messy adhesives or fragile clips, this part uses a **pushPIN™** system. This provides:
1. **Uniform Pressure:** Ensures the thermal interface material is compressed evenly for maximum heat transfer.
2. **Ease of Installation:** Pre-drilled holes in the PCB allow for quick, tool-free mounting.
3. **Reliability:** Brass components and stainless steel springs prevent the heat sink from shifting during vibration.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that the part comes pre-applied with a high-performance thermal pad. This eliminates the need for manual application of thermal grease and ensures a clean, consistent contact between the component (chip) and the heat sink.
---
### 4. Applications
* **Embedded Systems:** Cooling microprocessors in industrial controllers.
* **Networking:** Keeping high-speed switches and routers within safe operating temperatures.
* **Power Supplies:** Dissipating heat from MOSFETs and voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the 'Fine Pitch' fin design compare to 'Coarse Pitch' in terms of airflow resistance?
- ⤷ Can the pre-applied TIM be replaced with a different thermal paste?