ATS-16E-41-C2-R0
AI

The **ATS-16E-41-C2-R0** is a specific part number for a **High-Performance Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "Blue Ice" or "push-pin" series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
## Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 10.02 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Fin Style** | Straight Fin |
---
## Breakdown of the Part Number
The part number follows a specific naming convention used by ATS to identify the physical and thermal characteristics of the heat sink:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16E**: Refers to the specific series and mounting hole configuration.
* **41**: Indicates the length/width (approx. 40mm-45mm class).
* **C2**: Refers to the thermal performance/fin density and the **Blue Anodized** finish.
* **R0**: Indicates the revision number and standard packaging.
---
## Key Features
### 1. Thermal Management
The straight-fin design is optimized for **forced air cooling**. While it performs well in natural convection, its efficiency peaks when paired with a system fan, allowing air to flow through the channels between the fins.
### 2. Attachment System (Push-Pins)
Unlike adhesive-based heat sinks, the **R0** model uses a push-pin mechanism:
* **Secure Fit:** Provides consistent pressure across the interface material.
* **Reliability:** Resistant to vibrations, making it suitable for industrial or automotive electronics.
* **Reusability:** Can be removed and re-installed easily during prototyping.
### 3. Material and Finish
* **AL6063 Aluminum:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer provides increased surface area at a microscopic level and protects the aluminum from corrosion and electrical conductivity issues.
---
## Applications
This heat sink is typically found in:
* **Networking Gear:** Switches and Routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
- ⤷
What is the exact hole-to-hole mounting distance for the ATS-16E-41-C2-R0?
- ⤷ How does the C2 finish compare to the C1 finish in ATS heat sinks?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for this specific model?