ATS-16E-65-C2-R0
AI

The **ATS-16E-65-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 7.29°C/W (Unducted Flow @ 100 LFM) |
---
## 2. Physical Dimensions
The physical footprint determines compatibility with the PCB layout and surrounding components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length** | 45.00 mm |
| **Width** | 45.00 mm |
| **Height** | 30.00 mm |
| **Pitch (Hole-to-Hole)** | 38.00 mm |
---
## 3. Key Components & Features
* **pushPIN™ Attachment:** This model uses a spring-loaded push-pin mechanism. This provides the necessary pressure for optimal contact with the heat source without requiring tools for installation.
* **Straight Fin Design:** Optimized for environments with consistent airflow. The gaps between the fins allow air to pass through and carry away heat via convection.
* **High-Performance Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material or similar, ensuring a low thermal resistance bridge between the chip and the aluminum base.
* **Material Grade:** Made from 6063 aluminum, which offers high thermal conductivity and is lightweight.
---
## 4. Part Number Breakdown (Nomenclature)
* **ATS**: Manufacturer (Advanced Thermal Solutions)
* **16E**: Specific series/designator
* **65**: Dimensions/Shape code
* **C2**: Thermal performance/material coating code
* **R0**: Revision or packaging variant
- ⤷What are the specific mounting hole requirements for the ATS-16E-65-C2-R0?
- ⤷ How does the thermal resistance of this heat sink change with different airflow speeds?
- ⤷ What is the benefit of the Blue Anodized finish on this component?