ATS-16E-75-C3-R0
AI

The **ATS-16E-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*.
It belongs to the **maxiFLOW™** series, which is designed for high-performance cooling of electronic components such as processors, FPGAs, and GPUs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flowing Air)** | 1.97 °C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 5.31 °C/W |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **TIM (Thermal Interface Material)** | T412 (High performance) |
---
### 2. Key Components & Design
The ATS-16E-75-C3-R0 is engineered with three primary electronic/mechanical parts:
* **Heat Sink Body:** Utilizes a spread-fin pattern that increases surface area while reducing pressure drop. The "maxiFLOW" geometry allows air to flow through the fins from multiple directions.
* **pushPIN™ Attachment:** Instead of messy adhesives, this part uses a plastic or brass pin and a stainless steel spring. This provides a precise "preload" (downward force) to ensure optimal contact with the electronic chip.
* **T412 Thermal Interface Material (TIM):** Pre-applied to the base of the heat sink. This is a specialized material that fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
---
### 3. Application Use Cases
This part is typically used in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed networking switches.
2. **Embedded Systems:** For industrial computers where space is limited but heat density is high.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
---
- ⤷
What are the differences between pushPIN and adhesive mounting for this heat sink?
- ⤷ Can the T412 thermal interface material be replaced with standard thermal paste?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance?