ATS-16E-89-C2-R0
AI

The **ATS-16E-89-C2-R0** is a specific part number for a high-performance **heat sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 30mm |
| **Thermal Resistance** | 3.94 °C/W (at 100 LFM) |
| **Flow Direction** | Vertical / Omni-directional (Pin Fin) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature that describes its physical and thermal characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16**: Refers to the specific series or attachment style.
* **E**: Specific configuration code.
* **89**: The specific model/design dimensions within the series.
* **C2**: Indicates the material and thermal interface material (TIM). In this case, it usually implies **T766** (a high-performance phase-change material).
* **R0**: RoHS compliance status.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical component, its "electronic" role is critical for the stability of the circuit:
1. **Thermal Management**: It prevents the junction temperature of a semiconductor from reaching its thermal shutdown point.
2. **Push-Pin Attachment**: The "16E" designation typically includes a push-pin with a specific spring force. This ensures consistent pressure between the heat sink and the chip, which is vital for the efficiency of the Thermal Interface Material (TIM).
3. **Cross-Cut Pin Fin Design**: Unlike straight fins, the pin-fin design allows for air to enter from any direction (omni-directional), making it ideal for crowded PCB layouts where airflow direction might be inconsistent.
---
### 4. Typical Applications
* **BGA (Ball Grid Array) Cooling**: Used for high-speed processors and chipsets.
* **Embedded Systems**: Providing cooling in tight enclosures.
* **Telecommunications**: Cooling for signal processing components.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How does the thermal resistance change at higher airflow speeds (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a CAD model available for this specific heat sink?