ATS-16F-06-C3-R0
AI

The **ATS-16F-06-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It belongs to the **blueICE™** series, designed for cooling electronic components like BGA (Ball Grid Array) packages.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-16F-06-C3-R0 |
| **Heat Sink Type** | Push-Pin (BGA Mount) |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with Compression Springs) |
| **Thermal Resistance** | 16.30°C/W (Natural Convection) |
---
### 2. Key Components & Design Features
#### A. Fin Design (Straight Fin)
The "F" in the part number denotes a **Straight Fin** geometry. This design is optimized for environments with consistent airflow, allowing air to pass through the channels efficiently to dissipate heat from the base.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, this model uses a **brass push-pin** system with a **stainless steel compression spring**.
* **Security:** Provides a firm, reliable attachment to the PCB.
* **Pressure:** Ensures uniform pressure across the component interface for maximum thermal transfer.
* **Ease of Install:** Can be installed via pre-drilled holes in the motherboard.
#### C. Phase Change Material (Thermal Interface)
The "R0" suffix typically indicates the inclusion of a **Thermal Interface Material (TIM)**. In this specific series, it usually features **Saint-Gobain C675** or a similar high-performance phase-change material pre-applied to the base, eliminating the need for separate thermal paste.
---
### 3. Application Use Cases
This part is commonly found in industrial and networking hardware, including:
* **CPUs/GPUs:** Cooling secondary processors or embedded controllers.
* **ASICs & FPGAs:** Used in telecommunications equipment.
* **Power Supplies:** Heat dissipation for high-load power transistors.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 5.30 |
| 400 (2.0 m/s) | 3.10 |
| 600 (3.0 m/s) | 2.50 |
- ⤷
How does the push-pin mounting system compare to adhesive thermal tape?
- ⤷ What is the importance of the Blue Anodized finish on this heat sink?
- ⤷ Can this heat sink be used for components smaller than 40mm x 40mm?