ATS-16F-07-C3-R0
AI

The **ATS-16F-07-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or FPGAs, within electronic assemblies.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Thermal Resistance** | 17.09 °C/W (at 100 LFM) |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Detailed Component Breakdown
#### A. The Heat Sink (Thermal Conductor)
The main body is made of **Blue Anodized Aluminum**. Aluminum is used for its high thermal conductivity and lightweight nature. The "Straight Fin" design allows for efficient airflow, making it ideal for systems with forced convection (fans).
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **ATS-16F-07-C3-R0** uses a mechanical push-pin system.
* **Hole Pattern:** Requires pre-drilled holes in the PCB.
* **Compression Spring:** Provides consistent downward pressure on the electronic component to ensure maximum contact.
* **Material:** The pins are typically made of durable plastic (polyamide).
#### C. Thermal Interface Material (TIM)
The part comes with **T412** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink.
* **Benefit:** Reduces thermal resistance and eliminates the need for manual thermal paste application during assembly.
---
### 3. Application Use Cases
* **Embedded Systems:** Cooling processors in industrial computers.
* **Networking:** Keeping high-speed switches or routers within safe operating temperatures.
* **Power Electronics:** Managing heat for voltage regulators or power modules.
- ⤷
What are the PCB hole requirements for installing this push-pin heat sink?
- ⤷ How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different height for low-profile enclosures?