Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16F-08-C3-R0

  • AI
    The **ATS-16F-08-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It belongs to the **push-pin** attachment series designed for cooling integrated circuits (ICs) and high-power components. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Number** | ATS-16F-08-C3-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Thermal Resistance** | 14.32° C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 15mm | | **Fin Style** | Straight Fin | --- ## 2. Component Breakdown ### A. Material and Coating * **Aluminum 6063:** This alloy offers high thermal conductivity while remaining lightweight, which is ideal for PCB applications where weight stress must be minimized. * **Blue Anodizing:** Beyond aesthetics, the anodized layer provides corrosion resistance and increases surface emissivity, slightly improving heat dissipation through radiation. ### B. Mounting System (Push-Pins) The "F" and "R0" designations often refer to the specific mounting hardware. * **Brass Push-Pins:** These provide a secure, vibration-resistant attachment to the PCB. * **Compression Springs:** These ensure consistent pressure between the heat sink and the component (CPU/GPU/FPGA), which is critical for the effectiveness of the Thermal Interface Material (TIM). ### C. Fin Geometry * **Straight Fins:** The parallel fin design is optimized for **forced-air cooling** (systems with fans). It allows air to flow through the channels with minimal resistance (low pressure drop), carrying heat away from the base. --- ## 3. Usage and Application This part is typically used in environments where electronic components generate significant heat in a compact space. * **Target Components:** FPGAs, ASICs, Processors, and Power Modules. * **Industries:** Telecommunications, Networking (Routers/Switches), and Embedded Computing. * **Thermal Performance:** The performance varies significantly based on airflow (LFM - Linear Feet per Minute). At high airflow (e.g., 500 LFM), the thermal resistance drops significantly, allowing the component to stay much cooler. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'C3' code in this part number?
    • ⤷ How do I calculate the required LFM for this heat sink?
    • ⤷ Are there alternative attachment methods like thermal tape for this model?