ATS-16F-10-C2-R0
AI

The **ATS-16F-10-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling in restricted spaces.
---
### ## Technical Specifications
Below are the primary technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16F-10-C2-R0 |
| **Type** | Top Mount Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 7.89°C/W (at 1.0 m/s airflow) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height (Fin Depth)** | 25.00mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ## Key Electronic & Mechanical Features
#### 1. pushPIN™ Attachment System
This part uses a specialized attachment mechanism rather than simple adhesive.
* **Performance:** It provides precise pressure to optimize thermal transfer from the electronic component (CPU/GPU/FPGA) to the heat sink.
* **Hardware:** It typically consists of a brass or plastic pin with a stainless steel spring to maintain consistent contact force.
#### 2. maxiFLOW™ Fin Design
The "F" in the part number signifies the maxiFLOW™ geometry.
* **Aerodynamics:** The fins are tapered and spread out to maximize surface area while minimizing pressure drop.
* **Flow:** Designed specifically for forced-air cooling environments where airflow direction is consistent.
#### 3. Thermal Interface Material (T766)
The part comes with **T766** pre-applied to the base.
* **Purpose:** It fills microscopic air gaps between the heat sink and the electronic chip, significantly reducing thermal resistance at the contact point.
#### 4. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized:** The finish is not just aesthetic; anodizing protects the aluminum from corrosion and slightly increases surface emissivity, aiding in heat radiation.
---
### ## Application Use Cases
This component is generally used to cool high-heat dissipation surface-mount devices (SMD) such as:
* Network Switches and Routers.
* Advanced Power Supplies.
* High-speed microprocessors or FPGAs.
* Telecommunications equipment.
- ⤷
What are the alternative attachment methods if the pushPIN system is not compatible with my PCB?
- ⤷ How does the thermal resistance change at different airflow velocities (e.g.
- ⤷ 2.0 m/s vs 1.0 m/s)?
- ⤷ Can the T766 thermal interface material be replaced with a different compound for higher performance?