ATS-16F-100-C2-R0
AI

The **ATS-16F-100-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
### Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Fin)** | 25mm |
| **Pitch** | Fine-Pitch |
| **Thermal Resistance** | 4.84°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Components & Features
1. **High-Performance Fin Design:**
The "F" in the part number indicates a **Fine-Pitch** fin pattern. This increases the surface area available for heat dissipation, making it ideal for high-speed airflow environments.
2. **pushPIN™ Attachment:**
The part uses a specialized attachment mechanism consisting of a brass or plastic pin and a compression spring. This ensures:
* Consistent pressure on the chip for optimal thermal contact.
* Secure mounting that resists vibration.
* Quick and easy installation.
3. **Advanced Thermal Interface Material (T766):**
The base comes with pre-applied T766 phase-change material. This fills microscopic air gaps between the heat source and the heat sink, significantly reducing thermal impedance.
4. **Blue Anodized Finish:**
Beyond aesthetics, the anodized coating increases emissivity and protects the aluminum from corrosion.
---
### Thermal Performance Data (Airflow)
Performance varies based on the linear feet per minute (LFM) of airflow provided by system fans:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.84 |
| 300 (1.5 m/s) | 1.87 |
| 500 (2.5 m/s) | 1.35 |
| 700 (3.5 m/s) | 1.11 |
---
### Application Use Cases
* **BGA Cooling:** Ideal for Ball Grid Array processors.
* **Networking Equipment:** Used in routers and switches.
* **Industrial PCs:** Suitable for embedded systems requiring high reliability.
- ⤷
What are the differences between plastic and brass pushPIN options for this model?
- ⤷ How does the 'C2' designation in the part number affect the thermal performance?
- ⤷ What is the recommended hole diameter on the PCB for mounting this heat sink?