ATS-16F-11-C2-R0
AI

The **ATS-16F-11-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the device:
| Property | Value / Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.87°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's configuration:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **16**: Internal series/product identifier.
* **F**: Fin geometry (typically indicates "Fine" or a specific spread pattern).
* **11**: Specific size or configuration code.
* **C2**: Material and Finish (C2 usually denotes Blue Anodized Aluminum).
* **R0**: RoHS compliance status (Lead-free).
---
### 3. Key Electronic/Mechanical Features
#### A. High-Aspect Ratio Fin Design
The maxiFLOW™ design features a graduated fin pattern. This maximizes surface area for heat exchange while minimizing the pressure drop, allowing air to flow through the sink more efficiently even at lower fan speeds.
#### B. pushPIN™ Attachment
Unlike adhesive tapes that can fail over time, this part uses a **pushPIN™** mechanism. This ensures:
* Consistent pressure across the processor surface.
* Reliable thermal contact.
* Easy installation and removal via a spring-loaded bolt.
#### C. Integrated Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a phase-change material or high-performance grease that fills microscopic air gaps between the heat sink and the chip, significantly improving heat transfer efficiency.
---
### 4. Application Use-Cases
This specific heat sink is typically used in:
1. **Telecommunications**: Cooling high-speed network switches.
2. **Embedded Systems**: Industrial PCs and automation controllers.
3. **Data Centers**: Server components requiring low-profile cooling solutions (15mm height).
- ⤷
How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What are the alternatives to pushPIN attachment for this series?
- ⤷ How does the T766 TIM compare to standard thermal paste in terms of longevity?