ATS-16F-116-C2-R0
AI

The **ATS-16F-116-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Push-Pin" series, designed for cooling electronic components such as CPUs, GPUs, and other high-heat-generating ICs (Integrated Circuits).
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16F-116-C2-R0 |
| **Attachment Type** | Push-Pin (Brass, 2-Pin) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 4.14°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ## Component Breakdown
### 1. The Heat Sink Body
The body is constructed from aluminum for a balance between weight, cost, and thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides surface protection and slightly improves emissivity for radiant heat transfer.
### 2. Attachment Mechanism (Push-Pins)
Unlike adhesive-based heat sinks, this model uses a **Push-Pin** system:
* **Spring-loaded Pins:** These ensure constant pressure between the heat sink and the component, optimizing heat transfer.
* **Reliability:** Mechanical fastening is more reliable than thermal tape in high-vibration or high-temperature environments.
* **Hardware:** The "R0" designation typically refers to the specific hardware kit included (brass pins and springs).
### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a "Phase Change" material that softens when the device heats up, filling microscopic air gaps between the chip and the heat sink to lower thermal resistance.
---
### ## Thermal Performance
Thermal resistance indicates how effectively the part dissipates heat. A lower value is better.
| Airflow (LFM - Linear Feet per Minute) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM** | 4.14 |
| **300 LFM** | 2.50 |
| **500 LFM** | 1.86 |
---
### ## Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking Hardware:** High-speed routers and switches.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin installation?
- ⤷ Is there a version of this heat sink with a different height or fin style?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?