Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16F-117-C2-R0

  • AI
    The part number **ATS-16F-117-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number is an alphanumeric code that defines the physical and thermal properties of the component. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Thermal Resistance** | 10.48°C/W (Unducted @ 100 LFM) | | **Dimensions (L x W x H)** | 45mm x 45mm x 10mm | | **Fin Style** | XCUT (Straight Fin with cross-cuts) | --- ### 2. Breakdown of the Part Number The specific segments of the part number define the configuration: * **ATS-16**: Refers to the series (specifically the 45x45mm footprint series). * **F**: Indicates the attachment type (Push-pin). * **117**: Specifies the height and fin configuration (10mm height). * **C2**: Refers to the thermal interface material (TIM) and color. "C2" typically indicates a **Blue Anodized** finish with a specific pre-applied thermal pad (usually T766). * **R0**: Indicates the revision or specific packaging standard. --- ### 3. Key Features * **XCUT Fin Design:** This model features a "cross-cut" pattern. This increases the surface area and allows for multi-directional airflow, making it more efficient in systems where the air direction might be inconsistent. * **Pre-assembled Push-Pins:** It comes with brass or plastic push-pins and springs, ensuring a specific amount of pressure is applied to the chip for optimal heat transfer. * **Lightweight:** Being made of aluminum, it provides a balance between thermal conductivity and weight, preventing stress on the PCB. --- ### 4. Application Use Cases This specific heat sink is commonly found in: * **Networking Equipment:** Routers, switches, and hubs. * **Embedded Systems:** Industrial PCs and single-board computers. * **Power Supplies:** Cooling voltage regulators or power modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'C1'
    • ⤷ 'C2'
    • ⤷ and 'C3' suffixes for ATS heat sinks?
    • ⤷ How do I calculate if the 10.48°C/W thermal resistance is sufficient for my component?
    • ⤷ Can this heat sink be mounted using adhesive instead of push-pins?