ATS-16F-122-C2-R0
AI

The **ATS-16F-122-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.87 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Fin Style** | Fine Pitch (straight fins) |
---
## 2. Key Components & Features
### A. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves radiative cooling.
### B. PushPIN™ Attachment System
This heat sink utilizes a specialized attachment mechanism rather than simple adhesive:
* **Spring-loaded Bolts:** Ensures consistent pressure (clamping force) on the component for maximum heat transfer.
* **Precision Springs:** Available in different tensions to meet specific application requirements.
### C. Thermal Interface Material (TIM)
* The part usually comes pre-applied with **T766** thermal interface material (or equivalent), which fills microscopic air gaps between the heat sink and the chip to reduce thermal resistance.
---
## 3. Performance Analysis
Thermal resistance is the measure of how well the heat sink moves heat away from the component. Lower values indicate better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.87 |
| 300 (1.5 m/s) | 2.99 |
| 500 (2.5 m/s) | 2.24 |
| 700 (3.5 m/s) | 1.86 |
---
## 4. Part Number Breakdown
Understanding the suffix codes:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16F:** Part series/fin configuration.
* **122:** Specific dimensions/designator.
* **C2:** Material/Color code (Aluminum, Blue Anodized).
* **R0:** Revision/Packaging status.
- ⤷What is the recommended mounting hole diameter for this pushPIN system?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?
- ⤷ How does the fin pitch of the ATS-16F compare to high-density cross-cut designs?