ATS-16F-141-C2-R0
AI

The **ATS-16F-141-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 15.76°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 10mm |
| **Attachment Method** | Push-Pin (Spring-loaded) |
---
### Key Components & Features
#### 1. Heat Sink Geometry
The device uses a **straight fin** design. This is optimized for airflow that moves linearly across the component. The low profile (10mm height) makes it suitable for compact electronic enclosures or 1U server racks.
#### 2. Material and Coating
* **Aluminum:** Provides a lightweight balance between thermal conductivity and cost-effectiveness.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization increases the surface emissivity (improving radiant heat transfer) and provides a protective layer against corrosion and electrical conductivity.
#### 3. pushPIN™ Attachment System
The part number suffix indicates the mounting hardware. It utilizes a **Push-pin and Brass Spring** mechanism:
* **Ease of Assembly:** Allows for quick installation without complex tools.
* **Contact Pressure:** The spring ensures consistent downward pressure on the electronic chip, which is critical for maximizing the efficiency of the Thermal Interface Material (TIM).
#### 4. Thermal Performance
The efficiency of this heat sink varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.76 |
| 300 (1.5 m/s) | 8.38 |
| 500 (2.5 m/s) | 6.35 |
---
### Application Usage
* **Typical ICs:** Used for cooling BGA (Ball Grid Array) packages, FPGAs, and microprocessors.
* **Industry:** Found in telecommunications, networking equipment, and industrial embedded systems.
- ⤷
What are the recommended thermal interface materials to use with this heat sink?
- ⤷ How does the 'C2' designation in the part number affect its performance?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?