ATS-16F-145-C2-R0
AI

The **ATS-16F-145-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like BGA, FPGA, or processors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-16F-145-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 30.00mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 2.90°C/W (at 200 LFM) |
| **Thermal Interface (TIM)** | T766 (High Performance Phase Change) |
---
### 2. Design Components and Features
#### A. Fin Geometry
This model uses **Straight Fins**. This design is optimized for environments with a specific directional airflow. The 30mm height provides a large surface area for heat exchange relative to its 30x30mm footprint.
#### B. The pushPIN™ Attachment System
The "16F" series utilizes the ATS pushPIN™ system. This consists of:
* **Spring-loaded Pins:** These ensure constant, uniform pressure on the component being cooled, which maximizes the effectiveness of the Thermal Interface Material (TIM).
* **Compression Springs:** They provide a secure mechanical fit to the PCB, preventing the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a phase-change material that softens as it reaches operating temperatures, filling microscopic gaps between the chip and the heat sink to minimize thermal resistance.
---
### 3. Performance Data (Airflow)
The efficiency of the heat sink changes based on the velocity of the air moving through it (measured in Linear Feet per Minute - LFM):
* **Unducted Flow (100 LFM):** ~4.73 °C/W
* **Unducted Flow (200 LFM):** ~2.90 °C/W
* **Unducted Flow (500 LFM):** ~1.77 °C/W
---
### 4. Part Number Breakdown
The suffix **C2** indicates the material/finish (Blue Anodized Aluminum), and **R0** indicates the revision level or packaging standard.
- ⤷
How do I calculate the required LFM for my specific chip wattage?
- ⤷ What are the PCB hole requirements for the pushPIN attachment?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied T766?