ATS-16F-147-C3-R0
AI

The **ATS-16F-147-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other PCB components.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight (Square) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Hole Pattern** | 40.00mm (pitch) |
| **Thermal Resistance** | 13.65 °C/W (at 100 LFM) |
---
### 2. Design and Composition
* **Material:** Made from lightweight **Aluminum (AL6063)**, which offers excellent thermal conductivity and durability.
* **Fin Configuration:** The "Straight Fin" design is optimized for airflow from a specific direction, commonly used in systems with forced-air cooling (fans).
* **Thermal Interface Material (TIM):** This specific part number typically comes pre-applied with **T412** thermal tape or high-performance thermal grease to ensure maximum heat transfer from the component to the sink.
---
### 3. Mounting Mechanism (pushPIN™)
The "16F" in the part number refers to the specific attachment style. The pushPIN™ system uses:
1. **Spring-loaded Pins:** Provides consistent pressure across the interface for optimal thermal contact.
2. **Ease of Assembly:** Allows for quick installation and removal without the need for complex tools.
3. **Hardware:** Typically uses brass or plastic pins with stainless steel springs to prevent vibration loosening.
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions |
| **16F** | Hardware/Spring Type (pushPIN™ series) |
| **147** | Specific Design/Dimensions ID |
| **C3** | Material & Finish (Aluminum / Blue Anodized) |
| **R0** | RoHS Compliant / Revision code |
- ⤷
How do I calculate the thermal resistance for different airflow speeds (LFM)?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
- ⤷ Can this heat sink be used on BGA or LGA packages?