ATS-16F-16-C2-R0
AI

The **ATS-16F-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize cooling efficiency in constrained airflows.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 1.80°C/W @ 200 LFM |
| **Dimensions (L x W)** | 52.45mm x 52.45mm |
| **Height** | 19.00mm |
| **Attachment Method** | pushPIN™ (Brass pins) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### Key Electronic & Design Features
#### 1. Heat Sink Geometry (maxiFLOW™)
The "F" in the part number indicates a **Fine Pitch** fin structure. The tapered fin design increases the surface area for heat dissipation while maintaining low pressure drop, making it ideal for high-density PCB layouts where airflow may be obstructed by other electronic parts.
#### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, the **ATS-16F-16-C2-R0** uses a mechanical push-pin system. This provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the semiconductor (CPU, GPU, or FPGA).
* **Reliability:** Resistant to shock and vibration, which is critical for industrial or telecommunications electronics.
* **Reusability:** Can be removed and reinstalled during PCB maintenance or rework.
#### 3. Thermal Interface Material (T766)
The part comes with **T766** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the electronic component and the aluminum base, significantly reducing thermal impedance.
#### 4. Material and Finish
* **Aluminum AL6063:** Provides high thermal conductivity.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a protective layer against corrosion and slightly improves radiant heat transfer.
---
### Typical Applications
This component is generally used to cool high-heat-generating integrated circuits (ICs) such as:
* **Processors (CPUs/GPUs)** in embedded systems.
* **ASICs and FPGAs** in networking equipment (routers/switches).
* **Power Modules** and high-output LED drivers.
- ⤷
What are the specific hole patterns required for the pushPIN™ mounting on a PCB?
- ⤷ How does the thermal resistance change at different airflow velocities (LFM)?
- ⤷ Is there a version of this heat sink available for smaller footprint ICs?