ATS-16F-174-C2-R0
AI

The part number **ATS-16F-174-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" component cooling series, designed specifically for thermal management in electronic systems like processors and power modules.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Base Dimensions** | 30.00 mm x 30.00 mm |
| **Height** | 35.00 mm |
| **Pin Pitch** | Fine-Pitch |
| **Pattern** | XC (Cross-cut) |
| **Thermal Resistance** | 4.02°C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention used by ATS to identify the product's attributes:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **16F**: Refers to the specific series and mounting hardware (pushPIN™ style).
* **174**: The specific internal model number for the fin geometry and base size.
* **C2**: Indicates the material and finish (typically Aluminum with a Blue Anodized coating).
* **R0**: Refers to the packaging and revision status.
---
### 3. Key Component Features
* **Cross-Cut (XC) Design:** The fins are cut in both directions, allowing for multi-directional airflow. This makes it highly efficient in crowded PCB environments where air might not flow in a single straight path.
* **pushPIN™ Attachment:** This system replaces traditional adhesive tapes. It uses a flexible spring and pin mechanism that ensures constant pressure on the electronic component (CPU/GPU), improving heat transfer.
* **Thermal Interface Material (TIM):** These units typically come with pre-applied high-performance thermal grease or pads on the base to ensure a seamless connection to the chip.
* **High Aspect Ratio:** With a height of 35mm on a 30mm base, this heatsink is designed for vertical clearance to maximize surface area for cooling.
---
### 4. Applications
This part is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
- ⤷
What are the different mounting options for the pushPIN system?
- ⤷ How does the thermal resistance change with different airflow speeds (LFM)?
- ⤷ Is there a low-profile version of this heatsink available?