ATS-16F-180-C2-R0
AI

## Technical Analysis of ATS-16F-180-C2-R0
The **ATS-16F-180-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed for high-density electronic cooling.
### 1. Key Specifications
The following table summarizes the technical dimensions and physical properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 24.89mm |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins with springs) |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Engineering Features
#### A. The maxiFLOW™ Profile
The heat sink features a unique **flared fin geometry**. Unlike standard straight-fin heat sinks, the flared fins maximize the surface area for heat dissipation while maintaining a low pressure drop. This is critical for systems with limited airflow.
#### B. pushPIN™ Attachment System
The part number suffix relates to the mounting hardware:
* **Push Pins:** These provide a secure, high-pressure attachment to the PCB.
* **Springs:** Ensure constant force is applied to the thermal interface material, preventing air gaps between the heat sink and the component (e.g., BGA chips, FPGAs).
#### C. Thermal Performance
Thermal resistance is the measure of how effectively the part moves heat away from the component.
* **Low Airflow (200 LFM):** 3.32°C/W
* **High Airflow (700 LFM):** 1.61°C/W
---
### 3. Application Use Cases
This specific model is typically used for cooling integrated circuits (ICs) that generate significant heat in compact environments.
1. **Telecommunications:** Cooling high-speed networking switches and routers.
2. **Computing:** Heat dissipation for CPUs or GPUs in embedded systems.
3. **Power Electronics:** Management of heat in high-efficiency power modules.
---
### 4. Part Number Breakdown (Example)
To understand the nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16F:** Specific series and fin design.
* **180:** Numerical height/size identifier.
* **C2:** Material/Finishing code (Blue Anodized Aluminum).
* **R0:** Revision or packaging code.
- ⤷
How does the 'flared fin' design compare to 'straight fin' designs in terms of airflow?
- ⤷ What is the recommended PCB hole diameter for the pushPIN™ attachment?
- ⤷ Can the T766 thermal interface material be replaced with liquid metal?