ATS-16F-182-C1-R0
AI

The **ATS-16F-182-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series and is designed for cooling high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Pitch** | Fine Pitch |
| **Pattern** | Square (4-corner attachment) |
| **Thermal Resistance** | ~7.48°C/W (at 100 LFM) |
---
### 2. Physical Design Details
* **Fin Profile:** This model typically features a **Straight Fin** or **Cross-cut** design. The "Fine Pitch" indicates a high density of fins, which increases the surface area for heat dissipation but requires consistent airflow to be effective.
* **Base Material:** Made of 6063 aluminum, which offers a balance of high thermal conductivity and structural integrity.
* **Blue Anodized Coating:** The finish is not just for aesthetics; it protects the aluminum from oxidation and slightly increases surface emissivity for better radiation heat transfer.
---
### 3. Mounting System (pushPIN™)
The "R0" suffix refers to the specific attachment kit included. This system replaces traditional adhesives or clips:
1. **Springs:** Provides a precise amount of "Pre-load" (pressure) to ensure maximum contact between the heat sink and the electronic component.
2. **Plastic/Brass Push Pins:** Designed to snap into pre-drilled holes on the PCB.
3. **Thermal Interface Material (TIM):** This part usually comes with a pre-applied high-performance thermal pad or grease (often ATS-PPS-16) to fill microscopic air gaps.
---
### 4. Application Use Case
This specific height (15mm) and footprint (40mm) make it ideal for:
* **Networking Equipment:** Routers and switches with 1U or 2U form factors.
* **Industrial PCs:** Cooling logic controllers or embedded processors.
* **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
---
- ⤷What is the difference between Blue Anodized and Clear Anodized heat sinks?
- ⤷ How do I calculate if the 7.48°C/W thermal resistance is sufficient for my chip?
- ⤷ Can this heat sink be used with a custom fan attachment?