ATS-16F-191-C2-R0
AI

### Electronic Part Overview: ATS-16F-191-C2-R0
The **ATS-16F-191-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components such as processors, ASICs, and FPGAs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push Pin |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.90°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design and Dimensions
This heat sink is engineered to maximize surface area contact with the airflow while maintaining a compact footprint.
* **Base Dimensions:** 45mm x 45mm square base provides coverage for medium-sized integrated circuits.
* **Height:** 20mm tall, which offers a balance between thermal dissipation and vertical clearance in low-profile enclosures.
* **Weight:** Lightweight aluminum construction ensures it does not stress the PCB.
---
### 3. Mounting Mechanism (pushPIN™)
The "16F" in the part number refers to the specific mounting hardware:
* **Push Pins:** Uses a spring-loaded mechanism for consistent pressure.
* **Compression Springs:** Ensures a high-performance interface between the heat sink and the component, improving thermal conductivity.
* **Easy Installation:** Designed for quick assembly onto pre-drilled holes in the PCB.
---
### 4. Thermal Performance
Thermal resistance indicates how efficiently the heat sink moves heat away from the component. For the **ATS-16F-191-C2-R0**:
* **At 100 LFM (Linear Feet per Minute):** ~2.90°C/W.
* **At 700 LFM:** Resistance drops significantly (approx. 0.90°C/W), showing high efficiency in forced-air cooling environments.
---
### 5. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16F:** Specific mounting kit and spring type.
* **191:** Dimensions/Design code.
* **C2:** Thermal Interface Material (TIM) — Usually indicates **T766** pre-applied thermal grease.
* **R0:** Revision code.
---
- ⤷
What is the hole pattern requirement for mounting this heat sink?
- ⤷ How does the Blue Anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?