Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16F-202-C2-R0

  • AI
    ## Analysis of the ATS-16F-202-C2-R0 The **ATS-16F-202-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the Advanced Thermal Solutions (ATS) **_pushPIN™_** series. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Key Technical Specifications Below are the primary physical and thermal characteristics of this part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Thermal Resistance** | 14.83°C/W (at 100 LFM) to 2.82°C/W (at 700 LFM) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring Loaded) | | **Dimensions** | 45mm x 45mm x 15mm | | **Fin Type** | XCUT (Cross-cut) | | **Fin Pitch** | Fine Pitch | --- ### 2. Physical Design & Construction The "202" in the part number identifies its specific geometry and fin configuration: * **XCUT Fin Pattern:** Unlike straight fins, the XCUT design features cross-cut channels. This allows for multi-directional airflow, making it highly effective in environments where the direction of the cooling air is inconsistent. * **Blue Anodized Coating:** This is not just for aesthetics; the anodized finish increases surface emissivity (improving radiation cooling) and provides protection against corrosion and electrical conductivity. * **Push-Pin Mounting:** Instead of thermal adhesive, this part uses a mechanical push-pin system. This ensures consistent pressure against the component, which optimizes the thermal interface material (TIM) performance. --- ### 3. Thermal Performance (Deg C/W) Thermal resistance determines how effectively the heat sink removes heat. As airflow (measured in Linear Feet per Minute - LFM) increases, resistance decreases: | Airflow Velocity (LFM) | 100 | 300 | 500 | 700 | | :--- | :--- | :--- | :--- | :--- | | **Resistance (°C/W) Unducted** | 14.83 | 6.51 | 4.38 | 2.82 | | **Resistance (°C/W) Ducted** | 4.81 | 2.73 | 2.13 | 1.82 | --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **ATS:** Advanced Thermal Solutions (Brand) * **16:** Series number * **F:** Fin Type (XCUT) * **202:** Specific size/fin geometry code * **C2:** Material/Finish (Blue Anodized) * **R0:** Revision code
    ✨ Follow-up Questions
    • ⤷ What are the advantages of XCUT fins over standard straight fins?
    • ⤷ How do I choose the correct push-pin size for my PCB thickness?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for this heat sink?