ATS-16F-204-C2-R0
AI

The **ATS-16F-204-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 35.00mm |
| **Thermal Resistance** | 0.74°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Component Breakdown
#### A. Fin Design (Cross-Cut)
The "204" in the part number refers to a specific fin configuration. This model features a **cross-cut fin pattern**, which allows for omnidirectional airflow. This is ideal for systems where the direction of the cooling air may vary or be turbulent.
#### B. PushPIN™ Attachment System
Instead of using messy adhesives or simple clips, this part uses the **pushPIN™** system. It consists of:
* **Brass/Plastic Pins:** Used to secure the sink to the PCB.
* **Compression Springs:** Provides precise, uniform pressure (load) on the component to ensure optimal thermal contact.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**, a high-performance phase-change material. This ensures that the microscopic gaps between the heat sink and the electronic chip are filled, reducing thermal resistance.
---
### 3. Part Number Decoder
Understanding the "ATS-16F-204-C2-R0" nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **16** | Series number |
| **F** | Fin style (e.g., Fine/Dense) |
| **204** | Dimensions and fin geometry code |
| **C2** | Thermal performance/Material grade |
| **R0** | RoHS compliant and Revision code |
---
### 4. Application Use Cases
This heat sink is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Embedded servers and industrial PCs.
* **Power Electronics:** Large MOSFET or IGBT arrays requiring active/passive cooling.
- ⤷
What are the alternatives to pushPIN attachment for this heat sink?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a 12V DC fan for active cooling?