ATS-16F-206-C2-R0
AI

The **ATS-16F-206-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **blueICE™** series, designed specifically for high-efficiency thermal management in electronic components like CPUs, GPUs, and ASICs.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 60mm x 60mm x 15mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 7.71°C/W (at 1.0 m/s airflow) |
| **Fin Style** | Straight Fin |
| **Thermal Interface (TIM)** | T766 (High Performance) |
---
## 2. Key Component Features
### A. Material and Coating
* **Aluminum Body:** Provides a balance between high thermal conductivity and low weight.
* **Blue Anodized Finish:** Not only provides aesthetic appeal but also increases surface emissivity, slightly improving radiation cooling and protecting against corrosion.
### B. Fin Design
* **Straight Fin Profile:** Optimized for unidirectional airflow. This design offers low pressure drop, making it suitable for systems where high-velocity air is pushed through the chassis by system fans.
### C. Attachment Mechanism (Push-Pins)
* **Standard Mounting:** Uses two plastic push-pins with springs. The springs provide a consistent, calculated downward force (pressure) on the chip to ensure maximum contact with the thermal interface material.
* **Hole Pattern:** Designed for specific PCB hole spacing (typically around 53mm for this 60mm footprint).
### D. Thermal Interface Material (TIM)
* The **C2** in the part number indicates the inclusion of **T766** phase-change thermal interface material. This material softens at operating temperatures to fill microscopic air gaps between the heat sink and the component, significantly reducing thermal resistance.
---
## 3. Application Use Cases
This specific heat sink is typically used in:
* **Networking Equipment:** Routers and switches with high-heat processing chips.
* **Embedded Systems:** Industrial PCs where active cooling (fans) is available but needs a robust passive interface.
* **Power Supplies:** Cooling MOSFETs or power modules.
---
- ⤷
What is the exact hole-to-hole spacing required for the push-pin installation of this heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What is the weight of the ATS-16F-206-C2-R0 to ensure it meets PCB mechanical load limits?