Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16F-208-C2-R0

  • AI
    The **ATS-16F-208-C2-R0** is a high-performance electronic component belonging to the thermal management category. Specifically, it is a **Heat Sink** designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. | | **Series** | pushPIN™ | | **Attachment Type** | Push-Pin (Plastic) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Base Dimension** | 70mm x 70mm | | **Height** | 10mm (Low Profile) | | **Thermal Resistance** | ~1.05 °C/W (at 200 LFM) | --- ### 2. Design and Component Breakdown #### A. The Fin Geometry * **Design:** This model uses a **Square** fin pattern. * **Airflow:** It is designed for multi-directional airflow, making it versatile for systems where the air intake might come from different angles within the chassis. #### B. The Attachment Mechanism (pushPIN™) * **Push-Pins:** It utilizes a pre-assembled plastic push-pin mechanism. This allows for tool-less installation onto a PCB. * **Compression Spring:** The pins include a high-tension spring to ensure consistent pressure between the heat sink and the heat-generating component, which is critical for efficient heat transfer. #### C. Thermal Interface Material (TIM) * The "C2" in the part number typically indicates that a **Thermal Interface Material** (like a high-performance phase-change material or grease) is pre-applied to the base of the heat sink. This eliminates the need for manual paste application. --- ### 3. Application Use-Cases * **Telecommunications:** Cooling network switch processors. * **Industrial PC:** Thermal management for low-profile embedded systems. * **Power Electronics:** Dissipating heat from large MOSFET arrays or power modules. --- ### 4. Thermal Performance Comparison Below is an estimation of its thermal resistance based on airflow velocity (LFM - Linear Feet per Minute): | Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) | | :--- | :--- | :--- | | 100 | 0.5 | 6.56 | | 300 | 1.5 | 2.13 | | 500 | 2.5 | 1.43 | | 700 | 3.5 | 1.15 |
    ✨ Follow-up Questions
    • ⤷ How do I calculate if the 10mm height is sufficient for my specific TDP requirements?
    • ⤷ What is the difference between the C1
    • ⤷ C2
    • ⤷ and C3 suffixes in ATS part numbers?
    • ⤷ Are there metal push-pin alternatives for high-vibration environments?