ATS-16F-21-C2-R0
AI

## Electronic Specifications: ATS-16F-21-C2-R0
The **ATS-16F-21-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling electronic components such as processors, FPGAs, and GPUs.
---
### 1. General Product Specifications
This part is defined by its material composition, attachment method, and thermal performance characteristics.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-16F-21-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 16.28°C/W (at 100 LFM) |
| **Dimensions** | 60mm x 60mm |
| **Height** | 10mm |
---
### 2. Physical Construction
The "F" in the part number indicates a **Fine Pitch** design, which provides a larger surface area for heat dissipation in environments with higher airflow.
* **Fins:** Rectangular fin array optimized for straight-line airflow.
* **Base:** Flat aluminum base for maximum contact with the electronic component (TIM - Thermal Interface Material is usually pre-applied).
* **Mounting:** Uses a brass pushPIN and a stainless steel spring to provide consistent pressure, ensuring a reliable thermal bond.
---
### 3. Thermal Performance (Airflow Data)
Thermal resistance indicates how efficiently the heat sink transfers heat to the surrounding air. Lower values (measured in °C/W) are better.
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) | 700 (3.5 m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 16.28 °C/W | 4.84 °C/W | 2.56 °C/W | 1.87 °C/W |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS**: Advanced Thermal Solutions.
* **16**: Series number.
* **F**: Fine pitch fin pattern.
* **21**: Specific dimension/geometry code.
* **C2**: Material/Color code (Blue Anodized).
* **R0**: Revision/Packaging code.
---
- ⤷
What is the hole pattern requirement for mounting the ATS-16F-21-C2-R0?
- ⤷ Does this heat sink come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ How does the performance of this fine-pitch heat sink compare to a coarse-pitch version?