ATS-16F-29-C3-R0
AI

The **ATS-16F-29-C3-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "maxiFLOW" series of heat sinks.
---
## 1. Technical Specifications
This part is a high-efficiency heat sink designed for cooling integrated circuits (ICs) and other electronic components.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-16F-29-C3-R0 |
| **Series** | maxiFLOW |
| **Attachment Method** | maxiGRIP (Spring-clip mechanism) |
| **Material** | Aluminum (typically Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 20mm (Standard range) |
| **Thermal Resistance** | Variable (Approx. 2.0°C/W to 4.0°C/W based on airflow) |
| **TIM (Thermal Interface Material)** | Pre-applied T766 phase change material |
---
## 2. Key Electronic Components & Features
### A. The Heat Sink Geometry (maxiFLOW)
The "maxiFLOW" design features a tapered fin structure. Unlike standard extruded heat sinks, these fins are designed to:
* **Reduce Pressure Drop:** Allowing air to flow more easily through the fins.
* **Increase Surface Area:** Maximizing the heat dissipation from the base to the surrounding air.
### B. Attachment Mechanism (maxiGRIP)
One of the most critical "parts" of this assembly is the **maxiGRIP** attachment system.
* **Plastic Frame Clip:** A high-tension plastic frame that snaps around the electronic component.
* **Stainless Steel Springs:** It uses a "steady spring" force to provide even pressure across the chip, ensuring optimal contact without damaging the PCB or the solder balls under a BGA (Ball Grid Array) chip.
### C. Thermal Interface Material (TIM)
The **C3** in the part number indicates the specific thermal interface material.
* The part comes with a pre-applied **T766** phase change thermal pad.
* **Function:** When the electronic part heats up, the material softens to fill microscopic air gaps between the chip and the metal heat sink, significantly lowering thermal resistance.
---
## 3. Part Number Breakdown
The suffixing in ATS parts follows a specific logic:
| Code Segment | Meaning |
| :--- | :--- |
| **ATS-16** | Series identifier (maxiFLOW/maxiGRIP) |
| **F** | Fine pitch fin density |
| **29** | Specific size/dimension code |
| **C3** | Thermal Interface Material (T766 Phase Change) |
| **R0** | RoHS compliance status (Revision 0) |
---
## 4. Application
This component is typically used on high-power electronic devices such as:
* **CPUs/GPUs** in embedded systems.
* **FPGAs** (Field Programmable Gate Arrays).
* **ASICs** (Application Specific Integrated Circuits) found in networking gear and telecommunications.
- ⤷
What is the difference between phase change TIM and standard thermal grease?
- ⤷ How does the maxiGRIP system prevent damage to BGA components?
- ⤷ Can this heat sink be used in natural convection environments without a fan?