ATS-16F-30-C3-R0
AI

The **ATS-16F-30-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16F-30-C3-R0 |
| **Thermal Resistance** | 5.35°C/W @ 100 LFM |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W)** | 35.00mm x 35.00mm |
| **Height** | 25.00mm |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the exact configuration:
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **16:** Designates the series (Cross-Cut fin design).
* **F:** Fin pitch/density indicator.
* **30:** Height code (25mm-30mm range depending on specific series mapping).
* **C3:** Performance and attachment type (Blue Anodized finish, specific thermal interface material).
* **R0:** RoHS Compliance/Revision status.
---
### 3. Key Electronic Functions
* **Heat Dissipation:** It increases the surface area of a semiconductor package, allowing air to carry away heat via convection (passive or forced).
* **Thermal Interface Material (TIM):** This part usually comes with a pre-applied thermal pad (often "Phase Change" material) to minimize the air gap between the component and the metal.
* **Mechanical Stability:** The "Push-Pin" system includes a spring-loaded mechanism that ensures consistent pressure across the chip, preventing "hot spots" caused by uneven contact.
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and routers.
* **Telecommunications:** Network switches and base stations.
* **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs) that produce significant heat in small footprints.
---
- ⤷What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if the 5.35°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the PCB hole requirements for the push-pin attachment?