ATS-16F-33-C3-R0
AI

The **ATS-16F-33-C3-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16F-33-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight (Standard Profile) |
| **Thermal Resistance** | Variable based on Airflow (LFM) |
---
## 2. Physical Dimensions
The dimensions are critical for ensuring the heatsink fits within the PCB layout and does not interfere with surrounding components.
* **Length:** 36.83 mm
* **Width:** 36.83 mm
* **Height:** 20.00 mm
* **Pitch (Hole Spacing):** Standardized for specific grid layouts.
---
## 3. Key Electronic/Thermal Features
### A. Material & Surface Treatment
The unit is made from high-grade aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides:
* Increased surface emissivity for better radiation heat transfer.
* Corrosion resistance.
* Electrical insulation to prevent short circuits if touched by stray wires.
### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heatsinks, the **ATS-16F-33-C3-R0** uses a mechanical push-pin system with a brass spring.
1. **Uniform Pressure:** The spring ensures constant contact between the heatsink base and the component.
2. **Reliability:** Mechanical mounting is preferred in high-vibration environments where thermal tape might fail.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the presence of a pre-applied **Thermal Interface Material**. This eliminates the need for manual application of thermal paste, ensuring an even and optimal thermal bridge between the chip and the aluminum fins.
---
## 4. Performance Context
This heatsink is designed for **forced air cooling** environments. Its thermal resistance decreases significantly as the Linear Feet per Minute (LFM) of airflow increases, making it ideal for devices housed in chassis with active fans.
---
- ⤷
What is the exact thermal resistance of this heatsink at 200 LFM?
- ⤷ Can this heatsink be mounted on a PCB without pre-drilled holes?
- ⤷ How does blue anodization compare to black anodization in terms of heat dissipation?