ATS-16F-38-C3-R0
AI

The **ATS-16F-38-C3-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed for cooling semiconductor devices like CPUs, FPGAs, and GPUs.
---
## 1. Technical Specifications
Below is a breakdown of the core technical parameters for this part:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-16F-38-C3-R0 |
| **Type** | Board Level Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 0.84°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 36.83mm x 46.45mm x 22.86mm |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
## 2. Key Electronic Components & Design Features
### A. The maxiFLOW™ Geometry
Unlike standard square fin heat sinks, this part uses a **tapered fin design**. This increases the surface area for heat dissipation while reducing pressure drop, allowing air to flow more efficiently through the fins.
### B. pushPIN™ Attachment System
This component uses a specialized mounting mechanism:
* **Spring-loaded Pins:** Ensures consistent pressure (clamping force) between the heat sink and the electronic component (like a processor).
* **Reliability:** Prevents the heat sink from shifting during vibration or shipping, which is critical for long-term electronic stability.
### C. Thermal Interface Material (TIM)
The part comes with **T412** pre-applied. In electronics, the TIM is crucial because it fills microscopic air gaps between the heat source and the heat sink, significantly improving thermal conductivity.
---
## 3. Performance Analysis
The efficiency of the ATS-16F-38-C3-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 0.84 |
| **300 (1.5 m/s)** | 0.69 |
| **400 (2.0 m/s)** | 0.60 |
---
## 4. Application Areas
This heat sink is typically used in high-density electronic environments, including:
* **Telecommunications:** Network switches and routers.
* **Data Centers:** Server blades and storage controllers.
* **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
- ⤷
What are the specific mounting hole requirements for the pushPIN system used in this heat sink?
- ⤷ How does the Blue Anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with customized Thermal Interface Materials instead of the pre-applied T412?