ATS-16F-45-C3-R0
AI

The **ATS-16F-45-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 30mm x 30mm x 20mm |
| **Fin Style** | Straight Fin (provides high surface area) |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 5.82 °C/W (at 100 LFM) |
| **TIM (Thermal Interface Material)** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **16**: Series identifier.
* **F**: Fin pitch/density (Fine).
* **45**: Specific design variation.
* **C3**: Thermal Interface Material (TIM) type and color/finish.
* **R0**: RoHS compliance status and revision.
---
### 3. Key Electronic Components & Features
#### A. Thermal Interface Material (TIM)
The "C3" designation indicates it comes with **T412** material pre-applied to the base. This is a high-conductivity thermal tape that eliminates the air gap between the heat-generating electronic component (the die) and the aluminum heat sink, ensuring maximum heat transfer.
#### B. pushPIN™ Attachment
Instead of using messy adhesives or permanent solder, this part uses a mechanical **pushPIN™** system.
* **Benefits:** Provides consistent pressure for better thermal contact and allows for easy removal/rework of the PCB without damaging components.
* **Springs:** Usually stainless steel or brass to maintain tension over the life of the product.
#### C. Fin Geometry
The "Straight Fin" design is optimized for **forced air cooling** (fans). In an electronic enclosure, this design allows air to flow through the channels, carrying heat away from the sensitive silicon layers.
---
### 4. Typical Applications
This specific size and thermal profile are commonly found in:
1. **Networking Hardware:** Routers, switches, and small servers.
2. **Industrial PCs:** Controllers that require passive or semi-passive cooling.
3. **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What is the thermal resistance of this heat sink at different airflow speeds (LFM)?
- ⤷ How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ Are there alternative mounting options if the PCB doesn't have holes for pushPINs?