ATS-16F-47-C3-R0
AI

The **ATS-16F-47-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is designed for high-performance cooling in space-constrained environments.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 6.43° C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height** | 22.86mm |
| **Fin Style** | XC (Extra Coarse) / Flared |
---
### 2. Key Components & Features
#### A. Fin Design (maxiFLOW™)
The "XC" in the design indicates a flared fin structure. Unlike standard straight-fin heat sinks, these fins spread outward. This geometry increases the surface area for heat dissipation and maximizes air intake, making it ideal for systems with high-pressure airflow.
#### B. pushPIN™ Attachment
The part uses the ATS **pushPIN™** system for mounting. This is a critical electronic hardware feature that includes:
* **Brass/Plastic Pins:** Used to secure the sink to the PCB.
* **Compression Springs:** Provides precise, uniform pressure on the electronic component (CPU, FPGA, or GPU) to ensure optimal thermal contact.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that it comes with a pre-applied high-performance thermal interface material (like a thermal pad or paste). This fills the microscopic air gaps between the component and the heat sink base.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **16** | Series designation |
| **F** | Attachment Type (pushPIN™) |
| **47** | Specific physical footprint/dimensions |
| **C3** | Material/Finish (Blue Anodized Aluminum) |
| **R0** | Packaging/Revision (Standard pre-applied TIM) |
---
### 4. Common Applications
This part is commonly found in the following electronic sectors:
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Embedded Systems:** High-heat processors on industrial motherboards.
3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs).
- ⤷
What are the different pushPIN material options for this heat sink?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 400 LFM)?
- ⤷ Are there smaller height versions of the ATS-16F series available?