ATS-16F-49-C2-R0
AI

The **ATS-16F-49-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | Model: ATS-16F-49-C2-R0 |
| **Base Material** | Aluminum | Blue Anodized finish |
| **Fin Type** | Fine Pitch (Straight) | Optimized for airflow |
| **Attachment** | Push Pin | Integrated brass springs |
| **Dimensions** | 25mm x 25mm | Height: 20mm |
| **Thermal Resistance** | 5.41°C/W (at 200 LFM) | Lower is better for cooling |
| **Interface Material** | T766 | Pre-applied Thermal Phase Change |
---
### 2. Key Features and Components
### A. Material and Coating
* **Aluminum Construction:** Offers a lightweight and cost-effective solution with excellent thermal conductivity.
* **Blue Anodized Finish:** Not only provides aesthetic appeal but also increases surface emissivity for better radiation cooling and protects the aluminum from corrosion.
### B. Attachment Mechanism (Push Pin)
The "R0" designation indicates a specific push-pin attachment style.
* **Spring-loaded Pins:** These ensure constant, uniform pressure on the electronic chip, which is critical for maintaining effective thermal contact.
* **Ease of Assembly:** It allows for quick installation on PCBs (Printed Circuit Boards) with pre-drilled holes.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material that softens when the component heats up, filling microscopic air gaps between the heat sink and the chip to maximize heat transfer efficiency.
---
### 3. Application Use Cases
This specific heat sink is typically used in environments where space is limited but high cooling efficiency is required:
1. **Telecommunications:** Cooling of high-speed processors in routers or switches.
2. **Power Supplies:** Managing heat in voltage regulators.
3. **Embedded Systems:** Industrial PCs and IoT gateways where active cooling (fans) might be minimal.
---
- ⤷What are the specific hole patterns required on a PCB for this push pin mount?
- ⤷ How does the thermal resistance change at higher airflow speeds like 500 LFM?
- ⤷ Is this heat sink compatible with standard BGA or LGA packages?