ATS-16F-72-C3-R0
AI

The **ATS-16F-72-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | Part of the *pushPIN™* series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance |
| **Attachment Method** | Push-Pin (Brass) | Secure mechanical attachment to the PCB |
| **Dimensions** | 45mm x 45mm x 35mm | Large surface area for high-heat applications |
| **Thermal Resistance** | ~1.81 °C/W (at 100 LFM) | Efficiency in cooling relative to airflow |
| **Spring Type** | Stainless Steel (Compression) | Ensures constant pressure on the component |
---
### 2. Key Features and Design
#### A. The Fin Design
The ATS-16F-72-C3-R0 utilizes a **Square-Fin** pattern. This design is optimized for "cross-flow" environments, meaning it performs well regardless of which direction the airflow is coming from.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, this model uses a mechanical **Push-Pin** system:
* **Ease of Installation:** No messy thermal glues required.
* **Reliability:** The brass pins and stainless steel springs provide consistent downward pressure, ensuring a tight interface with the component.
* **Pre-Applied TIM:** These units often come with pre-applied Thermal Interface Material (Phase Change Material) to improve heat transfer from the chip to the sink.
---
### 3. Application Use Cases
This specific heat sink is typically found in:
* **Networking Hardware:** High-speed routers and switches.
* **Industrial PCs:** Computers operating in high-temperature environments.
* **Embedded Systems:** High-performance ARM or FPGA boards.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 1.81 |
| 300 | 1.5 | 0.82 |
| 500 | 2.5 | 0.61 |
- ⤷
How do I determine the correct hole pattern on my PCB for this push-pin heat sink?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied material?