ATS-16F-76-C3-R0
AI

The **ATS-16F-76-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs).
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-16F-76-C3-R0 |
| **Thermal Resistance** | 1.23°C/W (at 200 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
---
### Key Components & Features
#### 1. Material and Coating
The heat sink is made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### 2. Fin Design
This model uses a **Straight Fin** geometry. This design is optimized for environments where there is a consistent, unidirectional airflow (forced convection), allowing air to pass through the channels and carry heat away from the base.
#### 3. Attachment Mechanism (Push Pin)
The part utilizes a **Push Pin and Spring** system:
* **Brass Push Pins:** Provides a durable, repeatable attachment.
* **Springs:** Ensure constant, high pressure (interface pressure) between the heat sink and the electronic component, which is critical for minimizing thermal contact resistance.
#### 4. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes pre-applied with a **Thermal Interface Material** (usually a phase-change material or high-performance thermal pad), ensuring that air gaps between the chip and the heat sink are filled immediately upon installation.
---
### Common Applications
* **Networking Equipment:** High-speed routers and switches.
* **Processors:** Cooling for CPUs, GPUs, or FPGAs with a 25mm footprint.
* **Power Supplies:** Heat dissipation for power transistors and voltage regulators.
---
- ⤷
What is the significance of the 1.23°C/W thermal resistance rating in practical use?
- ⤷ How does the push pin attachment compare to adhesive-based heat sinks?
- ⤷ Are there alternative fin geometries available for this specific footprint?