ATS-16F-80-C3-R0
AI

### ATS-16F-80-C3-R0 Technical Overview
The **ATS-16F-80-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" heat sink series, designed specifically for cooling electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push Pin / Cross-Cut Fin |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm x 25.00mm |
| **Thermal Resistance** | 7.21°C/W (at 200 LFM) |
| **Attachment Method** | Push Pin with Brass Springs |
| **Thermal Interface** | T412 (Phase Change) |
---
### 2. Physical Design and Construction
* **Cross-Cut Fin Pattern:** The unit features a square-pin fin pattern (often referred to as cross-cut). This allows for multidirectional airflow, meaning the cooling efficiency is less dependent on the specific direction the fan is blowing.
* **Aluminum 6063:** This alloy is chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization provides surface protection against corrosion and slightly improves radiant heat transfer.
---
### 3. Mounting and Thermal Management
#### Attachment Mechanism
The **"R0"** in the part number indicates the specific mounting hardware:
* **Push Pins:** Uses two plastic pins that snap into pre-drilled holes in the PCB.
* **Compression Springs:** Brass springs provide consistent downward pressure, ensuring the heat sink stays flat against the component to maximize heat transfer.
#### Thermal Interface Material (TIM)
The unit comes pre-applied with **T412**, a high-performance phase-change material.
* **Benefit:** Unlike traditional thermal grease, T412 is easier to handle during assembly and becomes liquid-like at operating temperatures to fill microscopic gaps between the chip and the heat sink.
---
### 4. Performance Data (Airflow)
Thermal resistance decreases as the velocity of air (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 7.21 |
| **400 (2.0 m/s)** | 4.60 |
| **600 (3.0 m/s)** | 3.84 |
| **800 (4.0 m/s)** | 3.42 |
---
### Summary
The **ATS-16F-80-C3-R0** is a mid-height, high-density cooling solution for 30mm components. It is best suited for industrial or server environments where active airflow is present and a secure, vibration-resistant mounting method (push pins) is required.
- ⤷
What is the hole-to-hole spacing requirement for the PCB when using this heat sink?
- ⤷ Can the T412 thermal interface be replaced with standard thermal paste?
- ⤷ How does the 'C3' code in the part number affect the product configuration?