ATS-16F-87-C3-R0
AI

The **ATS-16F-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Heat Sink Type** | pushPIN™ | Uses a spring-loaded attachment mechanism. |
| **Material** | Aluminum | Provides excellent thermal conductivity and light weight. |
| **Finish** | Blue Anodized | Enhances surface area and protects against corrosion. |
| **Thermal Resistance** | 1.30°C/W (Unducted) | Measures the efficiency of heat transfer. |
| **Dimensions** | 35mm x 35mm x 20mm | The footprint and height of the sink. |
| **Fin Style** | Straight Fin | Optimized for linear airflow. |
---
### 2. Key Components & Features
#### A. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes pre-applied with **T766** thermal phase change material or a high-performance thermal pad. This ensures there are no air gaps between the component and the heat sink.
#### B. pushPIN™ Attachment
Instead of using messy adhesives or simple clips, this model uses a **pushPIN™** system:
* **Springs:** Provides consistent pressure to ensure optimal contact.
* **Pins:** Available in brass or plastic to secure the sink to the PCB through pre-drilled holes.
#### C. Fin Design
The heat sink utilizes a **straight-fin** pattern. This is ideal for environments with a clear direction of airflow (e.g., directed by a system fan), as it allows air to pass through the channels with minimal pressure drop.
---
### 3. Application Use Cases
This specific part is generally used in medium-power electronic assemblies where space is limited but thermal demands are high:
* **Telecommunications:** Network switches and routers.
* **Industrial PC:** Embedded systems requiring passive or active cooling.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
- ⤷
What are the specific hole patterns required for the pushPIN attachment?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is there a version of this heat sink with a cross-cut fin design for multi-directional airflow?