ATS-16F-91-C1-R0
AI

The **ATS-16F-91-C1-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height (Fin Depth)** | 10mm |
| **Thermal Resistance** | 21.86°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Straight |
---
### 2. Key Components & Design Features
#### A. The Fin Array (Straight Fin)
The "Straight Fin" design is optimized for environments where there is a consistent, directed airflow (ducted or high-velocity fan air). The spacing between the fins allows air to pass through and carry away heat via convection.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this part uses a **Push-Pin** mechanism. This offers several advantages:
* **Constant Pressure:** The integrated springs ensure consistent contact between the heat sink and the component surface.
* **Reliability:** It is more resistant to vibration and thermal expansion than thermal tape.
* **Pre-Drilled Holes:** Requires specific hole patterns on the PCB for installation.
#### C. Material and Coating
* **Aluminum:** Provides a lightweight solution with high thermal conductivity.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also protects the aluminum from corrosion and slightly improves radiant heat emissivity.
---
### 3. Thermal Performance Profile
Thermal resistance indicates how efficiently the part moves heat away from the silicon. Performance varies based on air velocity (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 21.86 |
| 300 (1.5 m/s) | 10.18 |
| 500 (2.5 m/s) | 6.48 |
| 700 (3.5 m/s) | 5.33 |
---
### 4. Application Use-Case
This specific heat sink is categorized as **Low Profile** (only 10mm height). It is ideal for:
1. **1U Servers:** Where vertical space is extremely limited.
2. **Network Switches:** Cooling localized ASICs or chipsets.
3. **Embedded Systems:** Industrial PCs where mechanical shock resistance (provided by the push-pins) is required.
- ⤷
What are the PCB hole diameter requirements for the push-pin attachment?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ How do I calculate if the 21.86°C/W resistance is sufficient for my 5W chip?