ATS-16G-101-C2-R0
AI

The **ATS-16G-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of surface-mount components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 30mm |
| **Hole Pattern** | 38mm x 38mm |
| **Thermal Resistance** | 1.02 °C/W (at 200 LFM) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Components & Features
#### A. The pushPIN™ Attachment System
This part uses a specialized attachment mechanism that includes:
* **Brass/Plastic Push Pins:** Designed to fit into pre-drilled holes on the PCB.
* **Compression Springs:** Provides consistent pressure (approximately 20 Newtons) across the interface to maximize heat transfer.
#### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **ATS-PPS-02** thermal grease. This eliminates the need for manual application during assembly and ensures a high-quality bond between the chip and the heat sink.
#### C. Straight Fin Design
The fins are arranged in a straight-line pattern. This design is optimized for **undirected airflow** or longitudinal air movement within a chassis. The 30mm height provides a large surface area for heat dissipation without creating excessive air impedance.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific electronic role:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **16G:** Series designation.
* **101:** Specific geometry/fin configuration.
* **C2:** Indicates the type of Thermal Interface Material (T766/Grease).
* **R0:** Revision code.
---
### 4. Implementation Example
In an electronic circuit design, this component is typically integrated into the CAD layout as follows:
```yaml
Component_Type: Passive Cooling
Board_Requirements:
- 2x 3.17mm diameter holes
- 38mm spacing (center-to-center)
- Clear zone around the IC to prevent capacitor interference
```
- ⤷
What are the alternative thermal interface materials available for the pushPIN series?
- ⤷ How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ Can this heat sink be used with both plastic and brass push pins?