ATS-16H-101-C3-R0
AI

The **ATS-16H-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (Fin Height)** | 30mm |
| **Thermal Resistance** | 6.77°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pitch** | Fine Pitch |
| **Fin Pattern** | Straight |
---
### Key Components & Design Features
#### 1. Push-Pin Mounting System
Unlike adhesive-based heat sinks, this model uses a **push-pin** mechanism.
- **Reliability:** Provides consistent pressure on the component, improving thermal interface material (TIM) performance.
- **Hardware:** Usually paired with a brass or plastic pin and a high-performance compression spring.
#### 2. Material and Coating
- **Aluminum (6063):** Offers a balance of lightweight properties and high thermal conductivity.
- **Blue Anodized Finish:** This is not just aesthetic; anodizing increases the surface emissivity, slightly improving radiant heat transfer and providing corrosion resistance.
#### 3. Fin Profile
The "101" designation refers to a specific fin geometry designed for **Fine Pitch** applications. This maximizes the surface area within a compact 45x45mm footprint, making it ideal for high-density PCB layouts where airflow may be limited.
---
### Thermal Performance Reference
Thermal resistance ($\theta$) determines how efficiently the part moves heat away from the chip. Performance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.77 |
| 300 (1.5 m/s) | 2.14 |
| 500 (2.5 m/s) | 1.43 |
---
### Applications
* **Processors (CPUs/GPUs):** Small form factor embedded processors.
* **Telecommunications:** High-speed networking switches and routers.
* **Power Electronics:** Dissipating heat from VRMs or large MOSFET arrays.
- ⤷What is the hole-to-hole spacing required for the push-pin installation?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the advantages of blue anodizing over black anodizing for this part?