ATS-16H-41-C2-R0
AI

The **ATS-16H-41-C2-R0** is a high-performance electronic component specifically designed for thermal management. It is a **Heatsink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. Technical Specifications
This heatsink is part of the **pushPIN™** series, which uses a specialized attachment mechanism for secure mounting on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance (Flowing)** | 1.00°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.31°C/W |
| **Fin Pitch/Type** | Fine Pitch / XCUT |
---
### 2. Physical Design Characteristics
* **Fin Configuration:** It features an **XCUT** pattern, which provides a high surface-area-to-volume ratio. This is essential for dissipating heat from high-power electronic components like CPUs or FPGAs.
* **Blue Anodized Coating:** The blue anodization is not just aesthetic; it provides increased corrosion resistance and slightly improves thermal emissivity.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal pad that ensures efficient heat transfer between the component and the heatsink.
---
### 3. Electronic Application
The ATS-16H-41-C2-R0 is used in environments where electronic components generate significant heat that must be moved away to prevent thermal throttling or hardware failure.
* **Target Components:** High-speed processors, power transistors, LED arrays, and Integrated Circuits (ICs).
* **Mounting System:** It uses a **Push-Pin and Spring** assembly. The springs provide precise, consistent pressure across the component surface, which is critical for maximizing the effectiveness of the thermal interface material.
* **Airflow Compatibility:** Designed for both natural convection and forced-air (fan) cooling systems.
---
### 4. Part Number Breakdown
Understanding the suffix codes helps in identifying specific variants:
* **41:** Refers to the specific fin geometry and height.
* **C2:** Indicates the material and finish (Aluminum/Blue Anodized).
* **R0:** Represents the revision or specific packaging style.
- ⤷
What are the benefits of using a pushPIN attachment over traditional adhesive thermal tape?
- ⤷ How does the 'XCUT' fin design compare to standard straight fins in terms of airflow?
- ⤷ Can this heatsink be used for components smaller than 45mm x 45mm?