ATS-16H-82-C2-R0
AI

### Analysis of the ATS-16H-82-C2-R0
The **ATS-16H-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** and **pushPIN™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
---
### 1. Technical Specifications
The table below outlines the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16H-82-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 24.92 °C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Performance
The efficiency of this part is measured by its ability to transfer heat away from a silicon die into the surrounding air.
* **Low Airflow (100 LFM):** 24.92 °C/W
* **High Airflow (700 LFM):** 2.32 °C/W
* *Note: Lower numbers indicate better cooling performance as airflow increases.*
#### B. PushPIN™ Attachment System
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical push-pin system.
1. **Compression Springs:** Ensures precise, uniform pressure (Force) across the component to maximize thermal contact.
2. **Hardware:** Flexible attachment options include brass or plastic pins for secure PCB mounting.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material or high-performance grease that fills microscopic air gaps between the heat sink base and the electronic component, significantly reducing contact resistance.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **16** | Series/Internal Identifier |
| **H** | High Performance / Fin Configuration |
| **82** | Specific Model / Dimension Identifier |
| **C2** | Color/Finish (Blue Anodized) |
| **R0** | Revision / Packaging Code |
---
### 4. Application Use Cases
* **Embedded Systems:** Cooling for ARM-based processors.
* **Telecommunications:** Dissipating heat from high-speed networking chips.
* **Power Electronics:** Managing thermals for VRMs (Voltage Regulator Modules).
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a lower profile for height-constrained devices?