Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-16H-84-C2-R0

  • AI
    The **ATS-16H-84-C2-R0** is a high-performance electronic component belonging to the thermal management category. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) for cooling integrated circuits (ICs) and other electronic packages. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 35.00mm | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Thermal Resistance** | 8.96°C/W (at 100 LFM) | | **Fin Style** | Straight Fin | | **Pattern** | Fine Pitch | --- ## 2. Component Features The ATS-16H-84-C2-R0 is engineered for versatility and efficiency in tight electronic assemblies. ### A. Push-Pin Attachment The "ATS-16H" series utilizes a spring-loaded push-pin mechanism. This provides: * **Constant Pressure:** Ensures consistent contact between the heatsink and the component (CPU/GPU/FPGA). * **Ease of Assembly:** Quick installation through pre-drilled holes in the PCB without the need for complex mounting hardware. ### B. Thermal Interface Material (TIM) * The part usually comes pre-applied with **Phase Change Material (PCM)** or high-performance thermal grease to bridge the microscopic air gaps between the chip and the heatsink base. ### C. Aerodynamic Fin Design * The **Straight Fin** design is optimized for environments with forced air (fans). * The **C2** designation typically refers to the specific material grade and finish (Blue Anodized), which enhances surface emissivity and prevents corrosion. --- ## 3. Application Use Cases This specific heatsink is generally used for medium-sized chips that generate significant heat relative to their footprint. * **Networking Gear:** Routers, switches, and gateway processors. * **Embedded Systems:** Industrial PCs and automation controllers. * **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs) in high-density power supplies. --- ## 4. Part Number Breakdown (Example) * **ATS:** Manufacturer (Advanced Thermal Solutions). * **16H:** Series/Height identifier. * **84:** Specific dimensions/design configuration. * **C2:** Material/Finish (Blue Anodized). * **R0:** Revision code.
    ✨ Follow-up Questions
    • ⤷ What is the exact thermal resistance of this heatsink at 400 LFM air flow?
    • ⤷ Does this model come with plastic or brass push-pins by default?
    • ⤷ What is the recommended hole size in the PCB for mounting this heatsink?