ATS-16H-85-C2-R0
AI

The **ATS-16H-85-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* attachment line, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 8.98°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and clearance:
* **Length:** 35.00 mm
* **Width:** 35.00 mm
* **Height:** 10.00 mm
* **Fin Style:** Straight Fin
---
### 3. Component Breakdown
#### A. The Heat Sink (Aluminum)
The body is made of aluminum, which provides a high thermal conductivity-to-weight ratio. The **Blue Anodized** coating increases surface emissivity and protects the aluminum from corrosion.
#### B. The Attachment (Push-Pin & Spring)
Unlike adhesive-based heatsinks, this model uses a mechanical **Push-Pin** system.
* **Reliability:** Mechanical fasteners provide consistent pressure over the lifecycle of the product.
* **Springs:** The compression springs ensure that the heatsink remains flush against the chip even under mechanical vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a "Phase Change" or high-performance thermal pad that fills microscopic air gaps between the component and the heatsink to maximize heat transfer.
---
### 4. Decoding the Part Number
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **16H** | Series Identifier (Push-pin style) |
| **85** | Specific footprint/fin configuration |
| **C2** | Thermal performance/Material grade |
| **R0** | Revision code / RoHS Compliance |
---
### 5. Application Use-Cases
* **Telecommunications:** Cooling ASICs in routers and switches.
* **Embedded Systems:** Industrial PCs where high vibration might cause adhesive heatsinks to fall off.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole diameter requirements for this push-pin heatsink?
- ⤷ How does the airflow rate (LFM) impact the thermal resistance of this part?
- ⤷ Can the pre-applied T766 material be replaced with standard thermal paste?