ATS-17B-121-C2-R0
AI

The **ATS-17B-121-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and belongs to the "pushPIN™" thermal management series.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum |
| **Fin Style** | Fine-Pitch |
| **Fin Pattern** | Cross-Cut |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance (Flowing)** | 9.48 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.53 °C/W |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Finish** | Blue Anodized |
---
### 2. Functional Components
Electronic heat sinks like the ATS-17B-121-C2-R0 are composed of several critical sub-parts that ensure efficient heat dissipation:
#### A. The Heat Sink Body
* **Material:** Made from high-grade Aluminum for optimal thermal conductivity.
* **Design:** Uses a **Fine-Pitch** design. This increases the total surface area available for heat transfer to the surrounding air, making it ideal for high-density electronic assemblies.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or unreliable clips, this part uses a mechanical push-pin system.
* **Components:** Brass or Plastic pins paired with compression springs.
* **Benefit:** Ensures consistent pressure (clamping force) across the interface, which improves thermal contact with the CPU/GPU/Chipset.
#### C. Thermal Interface Material (TIM)
* The "-R0" suffix typically indicates that the part comes pre-applied with a high-performance **Phase Change Material** or thermal pad. This fills microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This specific model is designed for medium-to-large integrated circuits that require active or passive cooling. Common use cases include:
1. **Network Switches/Routers:** Cooling high-speed processors.
2. **Embedded Systems:** Industrial PCs where mechanical stability is required.
3. **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
---
### 4. Thermal Performance Comparison (LFM)
Heat dissipation efficiency changes based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.48 |
| 300 | 1.5 | 4.47 |
| 500 | 2.5 | 3.44 |
| 700 | 3.5 | 2.92 |
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate if the 2.53 °C/W resistance is sufficient for my processor?
- ⤷ Are there copper versions of this specific ATS model for better conductivity?