ATS-17B-124-C2-R0
AI

The **ATS-17B-124-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "push-pin" series designed for cooling Integrated Circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-17B-124-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with springs) |
| **Thermal Resistance** | 3.20°C/W (at 200 LFM) |
| **Flow Orientation** | Vertical / Omni-directional (XC series) |
---
### 2. Key Physical Dimensions
Proper fitment is critical for heat sinks to ensure they do not interfere with surrounding electronic components.
* **Width/Length:** 50.00mm x 50.00mm (Base footprint)
* **Height:** 25.00mm (Distance from the top of the chip)
* **Pitch:** 43.00mm (The spacing between the mounting holes)
---
### 3. Electronic Design Features
* **XC (Cross-Cut) Fin Design:** Unlike straight-fin heat sinks, the "XC" series uses a square-pin/cross-cut pattern. This allows for airflow from any direction (omni-directional), making it ideal for enclosures with unpredictable air currents.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** phase-change material or a high-performance thermal pad to bridge the microscopic air gaps between the heat sink and the electronic component.
* **Push-Pin Attachment:** The part includes a brass push-pin with a stainless steel spring. This provides a precise and consistent pressure (load) on the electronic chip, which optimizes heat transfer and prevents mechanical damage to the solder joints.
---
### 4. Typical Applications
This component is used to cool high-power electronic devices that generate significant heat during operation, such as:
1. **CPUs and Microcontrollers:** High-speed embedded processors.
2. **FPGAs/ASICs:** Field Programmable Gate Arrays used in networking or crypto-mining.
3. **Power Converters:** High-wattage DC-DC converters on a PCB.
4. **Graphics Processors:** Small-form-factor GPU cooling.
---
- ⤷
How do I calculate if the 3.20°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in heat sinks?
- ⤷ Are there alternative mounting methods if my PCB does not have push-pin holes?